PART |
Description |
Maker |
SQ2113 |
CMOS Positive Voltage Regula tor
|
SeCoS Halbleitertechnologie GmbH
|
SQ2131 |
CMOS Positive Voltage Regula tor
|
SeCoS Halbleitertechnologie GmbH
|
SQ2133 |
CMOS Positive Voltage Regula tor
|
SeCoS Halbleitertechnologie GmbH
|
S62VP |
CMOS Positive Voltage Regula tor
|
SeCoS Halbleitertechnologie GmbH
|
SM6201 |
Voltage Regula tor
|
SeCoS Halbleitertechnologie GmbH
|
KA78L10 KA78L10A KA78L10AZ KA78L05AAZBU KA78L05AAZ |
5.0 AMP POSITIVE VOLTAGE REGULATOR 24 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 10 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5.0 AMP POSITIVE VOLTAGE REGULATOR 9 V FIXED POSITIVE REGULATOR, PBCY3 SMT CRCW04027500FRT1 RES0402 750 0.01 1/ RESISTOR 6.8K SMT 0402 CHIP 1/16W 5% THICK FILM 3-terminal 0.1A positive voltage regulator
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
OMR117AHVST OMR117 OMR117AHVNH OMR117AHVNM OMR117A |
Hi-Rel Adjustable Voltage 3-Terminal Positive Radiation Hardened Regulator 100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR From old datasheet system
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
MC78T05ABT MC78T15ACT MC78T05CD2TR4 MC78T00 MC78T1 |
THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, PSFM3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 5 V FIXED POSITIVE REGULATOR, PSSO2 Replaced by PTH05030W,PTH05T210W : 1.3 TO 3.5VOUT 32AMP 5V-INPUT 'SLEDGE HAMMER' PROGRAMMABLE ISR 27-SIP MODULE MS (MIL-C-5015)/97 SERIES 3102A BOX MOUNTING RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 22 SHELL SIZE, 22-22 INSERT ARRANGEMENT
|
Motorola Mobility Holdings, Inc. Motorola, Inc. ON Semiconductor
|
LP2950CZ-3.3RA LP2950CZ-5.0RP LP2950ACZ-5.0RA LP29 |
100mA, 3.3V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator- Pb Free Device; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 CONNECTOR ACCESSORY 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 128 x 128 pixel format, LED or EL Backlight available 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 3V Output, Low Power Low Dropout Voltage Regulator with Error Flag output; ; Pb Free Device; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000
|
ON Semiconductor
|
LM317L05 LM317LBDR2 LM317LBDR2G LM317LDR2 LM317LDR |
100 mA Adjustable Output, Positive Voltage Regulator
|
ONSEMI[ON Semiconductor]
|
COM7805T COM7815T COM7812 COM7812T |
Three Terminal, Fixed Voltage, 1.5 AmpVPrecision Positive Regulator(1.5A,5V,固定电压,精密型三端正输出稳压 三端,固定电压,1.5安培V的,精密正稳压器1.5A的,5V的,固定电压,精密型三端正输出稳压器 Three Terminal, Fixed Voltage, 1.5 Amp12VPrecision Positive Regulator(1.5A,12V,固定电压,精密型三端正输出稳压 三端,固定电压,1.5安培12V的,精密正稳压器1.5A的,12V的,固定电压,精密型三端正输出稳压器 COMMERCIAL OFF-THE-SHELF POSITIVE FIXED VOLTAGE REGULATORS IN TO-257 PAC K Hi-Rel Fixed Voltage 3-Terminal Positive Regulator Three Terminal, Fixed Voltage, 1.5 Amp Precision Positive Regulators In Hermetic 三端固定电压1.5安培 在密封的精密正稳压器 Three Terminal, Fixed Voltage, 1.5 AmpVPrecision Positive Regulator 三端,固定电压,1.5安培V的,精密正稳压器
|
List of Unclassifed Manufacturers ETC[ETC] Omnirel International Rectifier Electronic Theatre Controls, Inc.
|
|